công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F004AMB90CDCDL bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện TMS28F004AMB90CDCDL
Giải thích chi tiết về linh kiện  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AMB90CDCDL bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button TMS28F004AMB90CDCDL Datasheet HTML 21Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 22Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 23Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 24Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 25Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 26Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 27Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 28Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics for TMS28F004ASy and TMS28F400ASy over recommended ranges of
supply voltage and operating free-air temperature, (as on the previous page) using test conditions
listed in Table 9 (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
5-V VPP range,
3.3-V VCC range
200
IPP5
VPP supply current (erase-suspend)
Block erase suspended
5-V VPP range,
5-V VCC range
200
µA
IPP5
PP
y(
)
(see Notes 11 and 12)
Block-erase suspended
12-V VPP range,
3.3-V VCC range
200
µA
12-V VPP range,
5-V VCC range
200
TTL input level
VCC = VCC MAX,
3.3-V VCC range
1.5
mA
ICCS
VCC supply current
TTL-input level
CC
CC
,
E = RP =VIH
5-V VCC range
2
mA
ICCS
CC
y
(standby)
CMOS input level
VCC = VCC MAX,
3.3-V VCC range
110
µA
CMOS-input level
CC
CC
,
E = RP= VCC± 0.2 V
5-V VCC range
130
µA
ICCL
VCC supply current (reset / deep
RP
V
± 0 2 V V
V
MAX
0
°C to 70°C
8
µA
ICCL
CC
y(
power-down mode)
RP = VSS ± 0.2 V; VCC = VCC MAX
– 40
°C to 85°C
8
µA
E = VIL, IOUT = 0 mA, f = 5 MHz,
33 V VCC range
30
TTL input level
IL, OUT
,,
G = VIH
3.3-V VCC range
30
mA
TTL-input level
E = VIL, IOUT = 0 mA, f = 10 MHz,
5V VCC range
65
mA
ICC1
VCC supply
current (active
IL, OUT
,,
G = VIH
5-V VCC range
65
ICC1
current (active
read)
E = VIL, IOUT = 0 mA, f = 5 MHz,
33 V VCC range
30
read)
CMOS input level
IL, OUT
,,
G = VCC
3.3-V VCC range
30
mA
CMOS-input level
E = VIL, IOUT = 0 mA, f = 10 MHz,
5V VCC range
60
mA
IL, OUT
,,
G = VCC
5-V VCC range
60
5-V VPP range,
3.3-V VCC range
30
ICC2
VCC supply current (active byte write)
VCC = VCC MAX,
5-V VPP range,
5-V VCC range
50
mA
ICC2
CC
y(
y
)
(see Notes 11 and 12)
CC
CC
,
Programming in progress
12-V VPP range,
3.3-V VCC range
25
mA
12-V VPP range,
5-V VCC range
45
5-V VPP range,
3.3-V VCC range
30
ICC3
VCC supply current (active word-write)
VCC = VCC MAX,
5-V VPP range,
5-V VCC range
50
mA
ICC3
CC
y(
)
(see Notes 11 and 12)
CC
CC
Programming in progress
12-V VPP range,
3.3-V VCC range
25
mA
12-V VPP range,
5-V VCC range
45
NOTES: 11. Characterization data available
12. All ac current values are RMS unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com