công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8545ATT bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện PCF8545ATT
Giải thích chi tiết về linh kiện  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 58Page - NXP Semiconductors PCF8545ATT Datasheet HTML 59Page - NXP Semiconductors PCF8545ATT Datasheet HTML 60Page - NXP Semiconductors PCF8545ATT Datasheet HTML 61Page - NXP Semiconductors PCF8545ATT Datasheet HTML 62Page - NXP Semiconductors PCF8545ATT Datasheet HTML 63Page - NXP Semiconductors PCF8545ATT Datasheet HTML 64Page - NXP Semiconductors PCF8545ATT Datasheet HTML 65Page - NXP Semiconductors PCF8545ATT Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
20 Abbreviations
Acronym
Description
CDM
Charged-Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DC
Direct Current
EMC
ElectroMagnetic Compatibility
EPROM
Erasable Programmable Read-Only Memory
ESD
ElectroStatic Discharge
HBM
Human Body Model
I2C
Inter-Integrated Circuit bus
IC
Integrated Circuit
LCD
Liquid Crystal Display
LSB
Least Significant Bit
MSB
Most Significant Bit
MSL
Moisture Sensitivity Level
MUX
Multiplexer
OTP
One Time Programmable
PCB
Printed-Circuit Board
POR
Power-On Reset
RC
Resistance-Capacitance
RAM
Random Access Memory
RGB
Red Green Blue
RMS
Root Mean Square
SCL
Serial CLock line
SDA
Serial DAta line
SPI
Serial Peripheral Interface
Table 40. Abbreviations
21 References
[1] JESD22-A114 Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model
(HBM)
[2] JESD22-C101 Field-Induced Charged-Device Model Test Method for Electrostatic-
Discharge-Withstand Thresholds of Microelectronic Components
[3] JESD78 IC Latch-Up Test
[4] UM10569 Store and transport requirements
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
62 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com