công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF1P2131DA6/02 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện MF1P2131DA6/02
Giải thích chi tiết về linh kiện  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA6/02 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button MF1P2131DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 9Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 10Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 11Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 12Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 13Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
10 / 33
8.4 AES Secure Messaging
8.4.1 AES security concept
A MIFARE Plus transaction includes a set of operations from card activation,
authentication to the reading and changing of data on the card. Each interaction with data
on the card requires an authentication with the appropriate sector key. The result of such
an authentication is called a session.
MIFARE Plus EV1 supports two secure messaging modes:
• EV0 secure messaging, which is fully backwards compatible with MIFARE Plus EV0.
• EV1 secure messaging.
The PCD can decide which mode to use.
8.4.2 Multi-sector authentication
This feature is available in security level 3 for data which is spread over multiple sectors
to improve transaction performance.
Providing that such sectors are secured with identical keys (key value and key type) only
a single authentication is required to read and/or write data from these sectors. There is
no need to re-authenticate when accessing any data within these sectors. Therefore it is
possible to configure a card in such a way that operating with only one authentication is
needed in security level 3 to access all sectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33