công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF1P2131DA6/02 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện MF1P2131DA6/02
Giải thích chi tiết về linh kiện  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA6/02 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button MF1P2131DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 19Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 20Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 21Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 22Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 23Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 24Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 25Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
22 / 33
Command
Description
Proximity check commands available after ISO/IEC 14443-4 activation
PreparePC
prepare for the Proximity Check
ProximityCheck
perform the precise measurement for the proximity check
VerifyPC
verify the proximity check
VC commands available after ISO/IEC 14443-4 activation, using ISO/IEC 7816-4 protocol
ISOSelect
Select virtual card
ISOExternalAuthenticate
Authenticate PD
[1]
For security level switch, the originality function, sector security level switch and updating of AES keys and
VCSystemData blocks
[2]
For updating of AES keys and VCSystemData blocks
In addition to the commands listed in Table 7, all commands defined for SL3
communication are available for those sectors which have been switch to SL3 or
SL1SL3Mix mode using the AuthenticateSectorSwitch feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33