| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF3DX3 bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3DX3 bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 28 page ![]() NXP Semiconductors MF3D(H)x3 MIFARE DESFire EV3 contactless multi-application IC MF3D_H_x3_MIFARE_DESFire_EV3_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product short data sheet Rev. 3.0 — 15 May 2020 COMPANY PUBLIC 612530 17 / 28 Command Description CommitReaderID Commits a ReaderID for the ongoing transaction. This will allow a backend to identify the attacking merchant in case of fraud detected. 8.8 ISO/IEC 7816-4 Standard Commands Table 11. ISO/IEC 7816-4 support commands overview Command Description ISOSelectFile Selects either the PICC level, a DESFire application or a DESFire file within an application. ISOReadBinary Read data from FileType.StandardData and FileType.BackupData files. ISOUpdateBinary Write data to FileType.StandardData and FileType.BackupData files. ISOReadRecord Read data from FileType.LinearRecord and FileType.CyclicRecord files. ISOAppendRecord Write a new record to FileType.LinearRecord and FileType.CyclicRecord files. ISOGetChallenge To initiate a ISO/IEC 7816-4 authentication ISOExternalAutheticate Authenticate the PCD during a ISO/IEC 7816-4 authentication ISOInternalAuthenticate Authenticate the PICC during a ISO/IEC 7816-4 authentication 8.9 Virtual Card Commands Table 12. Virtual Card commands overview Command Description ISOSelect Select VC with the given IID. ISOExternalAuthenticate Authenticate PCD before accessing the VC. 8.10 Proximity Check Commands Table 13. Proximity Check commands overview Command Description PreparePC Prepare for the Proximity Check ProximityCheck Perform the precise measurement for the Proximity Check VerifyPC Verify the Proximity Check 8.11 Originality Check Commands Table 14. Originality Check commands overview Command Description Read_Sig Retrieve the ECC originality check signature |