| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF3DX3 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3DX3 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 28 page ![]() NXP Semiconductors MF3D(H)x3 MIFARE DESFire EV3 contactless multi-application IC MF3D_H_x3_MIFARE_DESFire_EV3_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product short data sheet Rev. 3.0 — 15 May 2020 COMPANY PUBLIC 612530 15 / 28 Command Description InitializeKeySet Depending on the currently selected application, initialize the key set with specific index. FinalizeKeySet Within the currently selected application, finalize the key set with specified number RollKeySet Within the currently selected application, roll to the key set with specified number GetKeySettings Gets information on the PICC and application master key settings. ChangeKeySettings Changes the master key settings on PICC and application level. GetKeyVersion Reads out the current key version of any key stored on the PICC. 8.4 Application Management Commands Table 7. Application management commands overview Command Description CreateApplication Creates new applications on the PICC. The application is initialized according to the given settings. The application keys of the active key set are initialized with the Default Application Key. DeleteApplication Permanently deactivates applications on the PICC. CreateDelegatedApplication Creates delegated applications on the PICC with limited memory consumption. SelectApplication Selects one specific application for further access. GetApplicationIDs Returns the Application IDentifiers of all applications on a PICC. GetDFNames Returns the DF names GetDelegatedInfo Returns the DAMSlotVersion and QuotaLimit of a target DAM slot on the card. 8.5 File Management Commands Table 8. File management commands overview Command Description CreateStdDataFile Creates files for the storage of plain unformatted user data within an existing application on the PICC. CreateBackupDataFile Creates files for the storage of plain unformatted user data within an existing application on the PICC, additionally supporting the feature of an integrated backup mechanism. CreateValueFile Creates files for the storage and manipulation of 32bit signed integer values within an existing application on the PICC. CreateLinearRecordFile Creates files for multiple storages of structural similar data, for example for loyalty programs, within an existing application on the PICC. Once the file is filled completely with data records, further writing to the file is not possible unless it is cleared. |