| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF1P2131DA4/02 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1P2131DA4/02 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 33 page ![]() NXP Semiconductors MF1P(H)x1y1 MIFARE Plus EV1 MF1P(H)x1y1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 6 December 2018 COMPANY PUBLIC 366932 9 / 33 8.3 Proximity check The Proximity Check is used in conjunction with the Virtual Card Architecture, see Section 8.2. It can also be used afterwards. It allows the PCD to verify whether the PICC is within a certain physical proximity. MF1P(H)x1y1 enables ISO/IEC 7816-4 compliant Proximity Check by supporting wrapping of the native Proximity Check commands into ISO/IEC 7816-4 compliant APDUs, as outlined in Section 8.6.3. The SL3 and SL1 after ISO/IEC 14443-4 activation offers the Proximity Check function which protect the PICC from relay attacks by measurement of the round trip time of a challenge-response interaction. If an attacker wants to mount a relay attack, then he necessarily introduces delays. Depending on how large the delays are, they may be detected. The accuracy of the time measurement and the residual relay attack window that remains is dependent on the intrinsic latency of the PICC as well as of the implementation of the reader. |