| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF1P2101DA4/02 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF1P2101DA4/02 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 33 page ![]() NXP Semiconductors MF1P(H)x1y1 MIFARE Plus EV1 MF1P(H)x1y1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 6 December 2018 COMPANY PUBLIC 366932 21 / 33 9.4 SL1 command overview Table 7. SL1 command overview Command Description MIFARE Classic commands MF Authenticate KeyA authentication with KeyA MF Authenticate KeyB authentication with KeyB MF Read reading data MF Write writing data MF Increment incrementing a value MF Decrement decrementing a value MF Restore restoring a value MF Transfer transferring a value Commands using backwards compatibility protocol, see Section 8.6.1 Read_Sig Retrieve the ECC originality check signature. SetConfigSL1 used to change MIFARE Plus EV1 specific configuration data. MF_PersonalizeUIDUsage Personalize UID Usage as described in Ref. 3 AuthenticateFirst (part 1) first authenticate, protocol used as described in Section 8.6.1 AuthenticateNonFirst (part 1) following authenticate, protocol used as described in Section 8.6.1 AuthenticateContinue (part 2) second authentication step, protocol used as described in Section 8.6.1 ReadPlainNoMAC_UnMACed reading in plain, no MAC on response, no MAC on command VCSupportLastISOL3 check if the Virtual Card Concept is supported, communicate PCD capabilities and retrieve the UID Authentication commands available after ISO/IEC 14443-4 activation[1] GetVersion returns manufacturing related data of the PICC Read_Sig Retrieve the ECC originality check signature. AuthenticateFirst (part 1) first authenticate AuthenticateNonFirst (part 1) following authenticate AuthenticateSectorSwitch (part 1) used to switch single sectors to SL3 AuthenticateContinue (part 2) second authentication step ResetAuth reset the authentication Memory commands available after ISO/IEC 14443-4 activation[2] WriteEncryptedNoMAC writing encrypted, no MAC on response, MAC on command WriteEncryptedMAC writing encrypted, MAC on response, MAC on command |