công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF1P2101DA4/02 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện MF1P2101DA4/02
Giải thích chi tiết về linh kiện  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2101DA4/02 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button MF1P2101DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 12Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 13Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 14Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 15Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 16Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
13 / 33
• Security Level 1: for the sector or card level SL switch, the AES originality function,
AES Key update, configuration data update, GetVersion and Read_Sig
• Security Level 3: all commands
Remark: The ISO/IEC 14443-4 protocol is also used to operate any sector that has
been switched to SL3 or when operating a sector using SL3 commands which has been
switched to SL1SL3Mix mode.
8.6.3 ISO/IEC 7816-4 Protocol
MIFARE Plus EV1 supports the APDU message structure according to ISO/IEC 7816-4
for
• an optional wrapping of the native APDU format
for the additionally implemented standard ISO/IEC 7816-4 commands for Virtual Card
selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33