| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8535EEC bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8535EEC bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 127 page ![]() MPC8535E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 7 Pin Assignments and Reset States Freescale Semiconductor 4 1.1 Pin Map See Table 1 for the MPC8535E pinout, which is a subset of the MPC8536E. Figure 2. Chip Pin Map Bottom View LWE[3]/ LBS[3] LWE[1]/ LBS[1] LWE0/ LBS0/ LFWE PCI1_GNT [4]/GPIO [3] 19 20 21 22 23 24 25 26 27 28 19 20 21 22 23 24 25 26 27 28 A U T R P N M L K J H G F E D C B V 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 W Y AA AB AC AD AE AF AG AH MDQ [32] MDQ [56] MDQ [57] MDQ [40] MDQS [5] GVDD MDQ [43] MDQ [60] MDQ [61] MDM [7] MCS [0] MDQ [33] MDQ [52] MDM [4] MDQ [53] MBA [1] MRAS MDQS [4] MDQS [4] MODT [3] MCK [2] MCAS MA [13] MCK [3] GND MCK [5] MCK [0] MA [4] MA [7] MCKE [3] MA [15] MCKE [2] MCKE [0] MCKE [1] MBA [0] MA [10] MCK [3] MCK [0] MA [3] A U T R P N M L K J H G F E D C B V W Y AAABAC AD AE AFAG AH GVDD GVDD MDQS [6] MCS [2] GVDD MDQ [36] GND TVDD GVDD GVDD GVDD MODT [2] GVDD GVDD GND GVDD GVDD GVDD MA [14] GVDD MECC [2] MCK [1] MECC [3] GVDD GVDD GVDD MCK [1] GND GND GND MA [11] MA [9] MECC [7] GND GVDD GVDD X2GND GND GND MBA [2] MECC [6] MDM [8] MCK [4] GND GND MECC [5] MECC [4] GVDD MECC [1] PCI1_ AD [31] GND GND PCI1_ AD [28] MDIC [1] HRESET_ REQ MDQ [31] GND GVDD GND GND GND GND MDQ [26] GND GND MDQ [19] MDQ [18] LCS [4] GND GND GND MDM [3] GVDD LA [29] GND GND GND MDQ [21] GVDD MDQ [24] MDM [2] GND LGPL3/ LFWP PCI1_ AD [22] MDQ [20] MDQ [28] MDQ [17] IRQ [3] LA [27] MDQ [29] MDQ [16] MDQ [10] MDQ [11] MDQ [14] MDQ [15] GVDD MDQ [3] IIC1_ SCL LAD [29] MDQS [1] MDQS [1] LAD [0] MDQ [2] MDM [1] MDQ [9] LAD [3] LAD [27] LAD [4] MDQS [0] GVDD LAD [7] MDQ [4] MDM [0] LAD [19] GND MDQ [1] BVDD LDP [0] PCI1_ CLK GND LSYNC_ IN LAD [21] TMS LDP [1] TDI LAD [20] TDO TCK PCI1_ C_BE [3] PCI1_ IRDY PCI1_ PAR PCI1_ PERR PCI1_ SERR PCI1_ STOP PCI1_ TRDY PCI1_ REQ [2] DMA_ DACK[0]/ GPIO[10] PCI1_ DEVSEL PCI1_ FRAME PCI1_ IDSEL MDQ [0] MDQ [6] MDQ [5] MDQ [7] MDQ [8] MDQ [13] MDQ [12] MDQ [23] MDQ [25] MDQ [27] MDQ [22] MDQ [30] MDQ [34] MDQ [35] MDQ [38] MDQ [37] MDQ [39] MDQ [41] MDQ [42] MDQ [45] MDQ [44] MDQ [46] MDQ [48] MDQ [47] MDQ [49] MDQ [50] MDQ [51] MDQ [54] MDQ [55] MDQ [58] MDQ [59] MDQS [7] MDQ [63] MECC [0] MDQS [2] MDQS [3] MDQS [5] MDQS [6] MDQS [7] MDQS [8] MDM [5] MDM [6] MDQS [0] MDQS [2] MDQS [3] MDQS [8] MA [0] MA [1] MA [2] MA [5] MA [6] MA [8] MA [12] MWE MCS [1] MCS [3] MCK [5] MCK [2] MCK [4] MODT [0] MODT [1] MDIC [0] LAD [1] LAD [2] LAD [5] LAD [6] LAD [8] LAD [9] LAD [10] LAD [11] LAD [12] LAD [14] LAD [13] LAD [15] LAD [16] LAD [18] LAD [17] LAD [22] LAD [23] LAD [24] LAD [25] LAD [26] LAD [28] LAD [30] LAD [31] LDP [2] LDP [3] LA [28] LA [30] LA [31] LCS [0] LCS [1] LCS [2] LCS [3] LALE LGPL0/ LFCLE LGPL2/ LOE/ LFRE LGPL4/ LGTA/ LUPWAIT/ LPBSE/ LGPL5 LCLK [0] LCLK [1] LCLK [2] LBCTL UDE MCP IRQ [1] IRQ [4] IRQ [5] Rvsd SD1_TX [7] HRESET SRESET RTC TRST TEST_ SEL GND X2GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND Rsvd GND GND GND GVDD GVDD GVDD GVDD GVDD GVDD GVDD GVDD GVDD GVDD BVDD BVDD BVDD BVDD BVDD BVDD BVDD AGND_ SRDS MVREF NC NC NC NC NC NC NC NC NC NC NC NC PCI1_ AD [18] PCI1_ AD [20] PCI1_ AD [17] PCI1_ AD [27] PCI1_ AD [30] PCI1_ AD [29] PCI1_ AD [26] PCI1_ AD [25] PCI1_ AD [24] PCI1_ AD [23] PCI1_ AD [21] PCI1_ AD [19] PCI1_ AD [16] PCI1_ AD [15] PCI1_ AD [14] PCI1_ AD [13] PCI1_ AD [12] PCI1_ AD [11] PCI1_ AD [10] PCI1_ AD [9] PCI1_ AD [8] PCI1_ AD [7] PCI1_ AD [6] PCI1_ AD [5] PCI1_ AD [4] PCI1_ AD [3] PCI1_ AD [2] PCI1_ AD [1] PCI1_ AD [0] PCI1_REQ [4]/GPIO [1] PCI1_REQ [3]/GPIO [0] PCI1_ REQ [1] PCI1_ REQ [0] PCI1_GNT [3]/GPIO [2] PCI1_ GNT [2] PCI1_ GNT [1] PCI1_ GNT [0] MDM [62] MAPAR_ ERR MAPAR_ OUT LWE[2]/ LBS[2] LGPL1/ LFALE LFRB DMA_ DACK[1]/ GPIO[11] DMA_ DREQ[0]/ GPIO[14] DMA_ DREQ[1]/ GPIO[15] DMA_ DDONE[0]/ GPIO[12] DMA_ DDONE[1]/ GPIO[13] USB1_D [7] USB1_D [6] USB1_D [5] USB1_D [2] USB1_D [0] USB1_D [4] USB1_D [3] USB1_D [1] USB1_ NXT USB1_ DIR USB1_ STP USB1_ PWR- FAULT USB1_ PCTL0/ GPIO[6] USB1_ PCTL1/ GPIO[7] USB1_ CLK USB2_D [7] USB2_D [6] USB2_D [5] USB2_D [4] USB2_D [3] USB2_D [2] USB2_D [1] USB2_D [0] USB2_ NXT USB2_ DIR USB2_ STP USB2_ PWR- FAULT USB2_ PCTL0/ GPIO[8] USB2_ PCTL1/ GPIO[9] USB2_ CLK USB3_D [7] USB3_D [6] USB3_D [5] USB3_D [4] USB3_D [3] USB3_D [2] USB3_D [1] USB3_D [0] USB3_ NXT USB3_ DIR USB3_ STP USB3_ CLK IRQ [2] IRQ [6] IRQ [7] IRQ [8] EC_ MDC EC_ MDIO EC_GTX_ CLK125 TSEC1_ TXD [7] TSEC1_ TXD [6] TSEC1_ TXD [5] TSEC1_ TXD [4] TSEC1_ TXD [3] TSEC1_ TXD [2] TSEC1_ TXD [1] TSEC1_ TXD [0] TSEC1_ TX_EN TSEC1_ TX_ER TSEC1_ TX_CLK TSEC1_ GTX_CLK TSEC1_ CRS TSEC1_ COL TSEC1_ RXD [7] TSEC1_ RXD [6] TSEC1_ RXD [5] TSEC1_ RXD [4] TSEC1_ RXD [3] TSEC1_ RXD [2] TSEC1_ RXD [1] TSEC1_ RXD [0] TSEC1_ RX_DV TSEC1_ RX_ER TSEC1_ RX_CLK TSEC3_ TXD [7] TSEC3_ TXD [6] TSEC3_ TXD [5] TSEC3_ TXD [4] TSEC3_ TXD [3] TSEC3_ TXD [2] TSEC3_ TXD [1] TSEC3_ TXD [0] TSEC3_ TX_EN TSEC3_ TX_ER TSEC3_ TX_CLK TSEC3_ GTX_CLK TSEC3_ CRS TSEC3_ COL TSEC3_ RXD [7] TSEC3_ RXD [6] TSEC3_ RXD [5] TSEC3_ RXD [4] TSEC3_ RXD [3] TSEC3_ RXD [2] TSEC3_ RXD [1] TSEC3_ RXD [0] TSEC3_ RX_DV TSEC3_ RX_ER TSEC3_ RX_CLK TSEC_ 1588_ CLK TSEC_ 1588_TRIG _IN[0] TSEC_ 1588_TRIG _IN[1] TSEC_ 1588_TRIG _OUT[0] TSEC_ 1588_TRIG _OUT[1] TSEC_ 1588_CLK _OUT TSEC_ 1588_PULSE _OUT2 TSEC_ 1588_PULSE _OUT1 NC NC NC NC NC NC Rvsd SD2_ IMP_CAL _TX SD1_ IMP_CAL _RX SENSE- VSS AGND_ SRDS2 S2GND S2GND S2GND S2GND X2VDD X2GND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND XGND XGND XGND XGND XGND XGND XGND XGND XGND XGND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND SENSE- VDD_ PLAT SENSE- VDD_ CORE AVDD_ SRDS2 AVDD_ SRDS AVDD_ PCI1 AVDD_ LBIU AVDD_ DDR AVDD_ PLAT AVDD_ CORE VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE VDD_ CORE X2GND X2VDD X2VDD S2VDD S2VDD S2VDD XVDD XVDD XVDD XVDD XVDD XVDD XVDD XVDD XVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD TVDD LVDD LVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD POWER_ EN POWER_ OK ASLEEP LSSD_ MODE L2_ TSTCLK L1_ TSTCLK DDRCLK SYSCLK CLK_ OUT SDHC_ CD/GPIO [4] SDHC_ CMD SDHC_ DAT [0] SDHC_ DAT [1] SDHC_ DAT [2] SDHC_ DAT [3] SDHC_ DAT[4]/SPI _CS[0] SDHC_ DAT[5]/SPI _CS[1] SDHC_ DAT[6]/SPI _CS[2] SDHC_ DAT[7]/SPI _CS[3] SDHC_ CLK SDHC_ WP/GPIO [5] SPI_ MOSI SPI_ MISO SPI_ CLK UART_ CTS [0] UART_ CTS [1] UART_ RTS [0] UART_ RTS [1] UART_ SIN [0] UART_ SIN [1] UART_ SOUT [0] UART_ SOUT [1] IIC1_ SDA IIC2_ SCL IIC2_ SDA SD1_TX [6] SD1_TX [5] SD1_TX [4] SD1_TX [3] SD1_TX [2] SD1_TX [1] SD1_TX [0] SD1_TX [7] SD1_TX [6] SD1_TX [5] SD1_TX [4] SD1_TX [3] SD1_TX [2] SD1_TX [1] SD1_TX [0] SD1_RX [7] SD1_RX [6] SD1_RX [5] XVDD SD1_RX [4] SD1_RX [3] SD1_RX [2] SD1_RX [1] SD1_RX [0] SD1_RX [7] SD1_RX [6] SD1_RX [5] SD1_RX [4] SD1_RX [3] SD1_RX [2] SD1_RX [1] SD1_RX [0] Rsvd Rsvd SD1_ PLL_ TPD SD1_ REF_ CLK SD1_ REF_ CLK SD2_TX [1] SD2_TX [0] SD2_TX [1] SD2_TX [0] SD2_RX [1] SD2_RX [0] SD2_RX [1] SD2_RX [0] SD2_ PLL_ TPD SD2_ REF_ CLK Rsvd Rsvd CKSTP_ IN CKSTP_ OUT TRIG_IN TRIG_ OUT/READY /QUIESCE MSRCID [0] MSRCID [1] MSRCID [2] MSRCID [3] MSRCID [4] MDVAL LSYNC_ OUT LCS5/ DMA_ DREQ2 LCS6/ DMA_ DACK2 LCS7/ DMA_ DDONE2 SD2_ IMP_CAL _RX OVDD IRQ[9]/ DMA_ DREQ[3] IRQ[11]/ DMA_ DDONE[3] IRQ[10]/ DMA_ DACK[3] IRQ_ OUT PCI1_ C_BE [1] PCI1_ C_BE [2] PCI1_ C_BE [0] SD1_ IMP_CAL _TX SD2_ PLL_ TPA SD1_ PLL_ TPA SD2_ REF_ CLK SEE DETAIL A SEE DETAIL B SEE DETAIL D SEE DETAIL C IRQ [0] |