| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8535EEC bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8535EEC bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 127 page ![]() Pin Assignments and Reset States MPC8535E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 7 Freescale Semiconductor 3 This figure shows the major functional units within the chip. Figure 1. Chip Block Diagram 1 Pin Assignments and Reset States NOTE The naming convention of TSEC1 and TSEC3 is used to allow the splitting voltage rails for the eTSEC blocks and to ease the port of existing PowerQUICC III software NOTE The UART_SOUT[0:1] and TEST_SEL pins must be set to a proper state during POR configuration. See Table 1 for more details. e500 Core 32-Kbyte I-Cache 32-Kbyte D-Cache 64-bit DDR2/DDR3 SDRAM Controller with ECC Enhanced Local Bus Coherency Module Gigabit Ethernet DMA SEC OpenPIC eSPI DUART Async Performance Monitor Timers 512-Kbyte L2 Cache Power Management MPC8535E 2x I2C Queue 4 Lane SerDes PCI 32 PCI-e PCI-e SD MMC USB Host/ ULPI SerDes Device USB Host/ ULPI Device w/ IEEE 1588 SATA Gigabit Ethernet SGMII w/ IEEE 1588 |