công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S007C8 bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện STM8S007C8
Giải thích chi tiết về linh kiện  Value line, 24 MHz STM8S 8-bit MCU, 64 Kbytes Flash, true data EEPROM, 10-bit ADC, timers, 2 UARTs, SPI, I²C
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S007C8 bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button STM8S007C8 Datasheet HTML 22Page - STMicroelectronics STM8S007C8 Datasheet HTML 23Page - STMicroelectronics STM8S007C8 Datasheet HTML 24Page - STMicroelectronics STM8S007C8 Datasheet HTML 25Page - STMicroelectronics STM8S007C8 Datasheet HTML 26Page - STMicroelectronics STM8S007C8 Datasheet HTML 27Page - STMicroelectronics STM8S007C8 Datasheet HTML 28Page - STMicroelectronics STM8S007C8 Datasheet HTML 29Page - STMicroelectronics STM8S007C8 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Memory and register map
STM8S007C8
26/93
DS8633 Rev 6
6
Memory and register map
6.1
Memory map
Figure 4. Memory map
MS19412V2
(see Table 8 and Table 9 )
GPIO and peripheral registers
Reserved
Reserved
Reserved
Reserved
Reserved
1024 bytes stack
128 bytes data EEPROM
Option bytes
RAM
(6 Kbytes)
2 Kbytes boot ROM
CPU/SWIM/debug/ITC
register (see Table 10 )
32 interrupt vectors
Flash program memory
(64 bytes)
0x00 0000
0x00 17FF
0x00 1800
0x00 3FFF
0x00 4000
0x00 407F
0x00 4080
0x00 47FF
0x00 4800
0x00 487F
0x00 4900
0x00 4FFF
0x00 5000
0x00 57FF
0x00 5800
0x00 5FFF
0x00 6000
0x00 67FF
0x00 6800
0x00 7EFF
0x00 7F00
0x00 7FFF
0x00 8000
0x00 807F
0x00 8080
0x01 7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93