| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F107RB bảng dữ liệu(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107RB bảng dữ liệu(HTML) 48 Page - STMicroelectronics |
|
48 / 108 page ![]() Electrical characteristics STM32F105xx, STM32F107xx 48/108 DocID15274 Rev 10 Low-speed external user clock generated from an external source The characteristics given in Table 21 result from tests performed using an low-speed external clock source, and under ambient temperature and supply voltage conditions summarized in Table 9. Figure 14. High-speed external clock source AC timing diagram Table 21. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) 1. Guaranteed by design, not tested in production. - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD - VDD V VLSEL OSC32_IN input pin low level voltage VSS - 0.3VDD tw(LSE) tw(LSE) OSC32_IN high or low time(1) 450 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) - - 50 Cin(LSE) OSC32_IN input capacitance(1) - - 5 pF DuCy(LSE) Duty cycle - 30 - 70 % IL OSC32_IN Input leakage current VSS ≤VIN ≤VDD - - ±1 µA |