công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV16KC bảng dữ liệu(PDF) 42 Page - STMicroelectronics

tên linh kiện ST25DV16KC
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC bảng dữ liệu(HTML) 42 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 38Page - STMicroelectronics ST25DV16KC Datasheet HTML 39Page - STMicroelectronics ST25DV16KC Datasheet HTML 40Page - STMicroelectronics ST25DV16KC Datasheet HTML 41Page - STMicroelectronics ST25DV16KC Datasheet HTML 42Page - STMicroelectronics ST25DV16KC Datasheet HTML 43Page - STMicroelectronics ST25DV16KC Datasheet HTML 44Page - STMicroelectronics ST25DV16KC Datasheet HTML 45Page - STMicroelectronics ST25DV16KC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 203 page
background image
I2C_RF_OFF:
•
When I2C_RF_OFF is activated, a pulse of duration IT_TIME is emitted:
–
after the I2C STOP condition of a successful I2C “RFSwitchOff” command if no RF write to EEPROM is
ongoing.
–
after the end of all blocks programming if the STOP condition of a successful I2C “RFSwitchOff”
command happens during an RF write to EEPROM.
•
The purpose of this GPO interrupt is to inform the I2C master when the I2C RFSwitchOff command has
switched off the RF (RF is in off mode), as the timing action of the I2C RFSwitchOff can vary if an EEPROM
write from RF is ongoing.
Figure 25. GPO/I2C_RF_OFF chronogram
1) I2C host sends a valid I2C RFSwithcOff command and there is no write in progress to EEPROM
memory from RF. RF is swithced off immediately and GPO/I2C_RF_OFF generates a pulse during
IT_TIME after I2C STOP condition.
GPO/I2C_RF_OFF
3) I2C host sends a valid I2C RFSwitchOff command and I2C_RF_SWITCHOFF_EN = 0. RF is not
swithced off and the GPO/I2C_RF_OFF remains high-Z.
2) I2C host sends a valid I2C RFSwitchOff command and there is a write in progress to EEPROM
memory from RF. RF is switched off and GPO/I2C_RF_OFF generates a pulse during IT_TIME at end
of EEPROM programming.
GPO/I2C_RF_OFF
GPO/I2C_RF_OFF
S I2C RFSwitchOff
A P
S I2C RFSwitchOff
A P
S I2C RFSwitchOff
A P
Wt(RF)
MS69216
5.4.3
GPO and power supply
When at the same time RF field is present and VCC is ON, GPO is acting as configured in GPO1, GPO2 and
GPO_CTRL_Dyn registers and both RF events ans I2C events are reflected to the GPO pin.
When VCC is ON and no RF field is present, GPO is acting as configured in GPO2 and GPO_CTRL_Dyn
registers, Only I2C events are reflected on the GPO pin. IT_STS_Dyn register is maintained unchanged until next
I2C read of VCC power off.
When RF field is present and VCC is OFF, GPO is acting as configured in GPO1 (and GPO2 for IT_TIME
configuration only) and GPO_CTRL_Dyn registers. Only RF events are reflected on the GPO pin (assuming
pull-up resistor is supplied with correct voltage for open drain version, or VDCG voltage is supplied for CMOS
version). Exception is FIELD_CHANGE when RF field is falling, which can’t be reported on GPO output if VCC is
off (no power supply on ST25DVxxKC).
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 42/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com