công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV16KC bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện ST25DV16KC
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 33Page - STMicroelectronics ST25DV16KC Datasheet HTML 34Page - STMicroelectronics ST25DV16KC Datasheet HTML 35Page - STMicroelectronics ST25DV16KC Datasheet HTML 36Page - STMicroelectronics ST25DV16KC Datasheet HTML 37Page - STMicroelectronics ST25DV16KC Datasheet HTML 38Page - STMicroelectronics ST25DV16KC Datasheet HTML 39Page - STMicroelectronics ST25DV16KC Datasheet HTML 40Page - STMicroelectronics ST25DV16KC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 203 page
background image
FIELD_CHANGE:
•
A pulse is emitted on GPO to signal a change in RF field state.
•
When FIELD_CHANGE is activated, and when RF field appear or disappear, GPO emits a pulse of duration
IT_TIME.
•
In case of RF field disappear, the pulse is emitted only if VCC power supply is present.
•
If RF is configured in RF_SLEEP mode or is in RF_OFF state, field change are not reported on GPO, even if
FIELD_CHANGE event is activated, as shown in Table 28.
Table 28. FIELD_CHANGE when RF is disabled or in sleep of off mode
RF_DISABLE
RF_SLEEP
RF_OFF
GPO behaviour when FIELD_CHANGE is enabled
0
0
0
A pulse is emitted on GPO if RF field appears or disappears (1)
IT_STS_Dyn register is updated.
1
0
0
X
1
X
GPO remains High-Z (open drain version) or is tied to ground (CMOS version).
IT_STS_Dyn register is not updated.
X
X
1
1. assuming that GPO output is enabled (GPO_EN = 1).
Figure 20. FIELD_CHANGE chronogram
2) RF field disappears and ST25DVxxKC is powered through VCC. GPO/FIELD_CHANGE generates
a pulse during IT_TIME.
GPO/FIELD_CHANGE
1) RF field appears. GPO/FIELD_CHANGE generates a pulse during IT_TIME.
t1
GPO/FIELD_CHANGE
S
O
F
E
O
F
ST25DVxxKC
reply
S
O
F
First VCD
command
E
O
F
3) RF field disappears and ST25DVxxKC is not powered through VCC. GPO/FIELD_CHANGE doesn’t
generates any pulse.
RF field
RF field
t1
S
O
F
E
O
F
S
O
F
VCD
command
E
O
F
GPO/FIELD_CHANGE
RF field
t1
S
O
F
E
O
F
S
O
F
VCD
command
E
O
F
ST25DVxxKC
reply
ST25DVxxKC
reply
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 37/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com