| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV04KC bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04KC bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 203 page ![]() RF_GET_MSG: • A pulse is emitted on GPO when RF has successfully read a message, up to its last byte, in fast transfer mode mailbox. • When RF_GET_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at completion of valid Read Message or Fast Read Message commands (after EOF of ST25DVxxKC response), and end of message has been reached. Figure 22. RF_GET_MSG chronogram 2) VCD sends a Read Message or Fast Read Message command and ST25DVxxKC replies with error. GPO/RF_GET_MSG remains high-Z. S O F E O F 3) VCD sends Read Message or Fast Read Message command and ST25DVxxKC stays quiet (command not for this VICC, or quiet state). GPO/RF_GET_MSG stays high-Z. Read Msg Command GPO/RF_GET_MSG GPO/RF_GET_MSG S O F Read Msg command E O F 1) VCD sends a Read Message or Fast Read Message command and ST25DVxxKC replies with no error. GPO/RF_GET_MSG generates a pulse during IT_TIME after ST25DVxxKC response. t1 GPO/RF_GET_MSG S O F E O F ST25DVxxKC reply S O F Read Msg command E O F t1 S O F E O F ST25DVxxKC reply 4) VCD sends any other command than Read Message or Fast Read Message commands and ST25DV replies. GPO/RF_GET_MSG remains high-Z. GPO/RF_GET_MSG S O F Any other command E O F t1 S O F E O F ST25DVxxKC reply ST25DV04KC ST25DV16KC ST25DV64KC GPO DS13519 - Rev 3 page 39/203 |