| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25DV04KC bảng dữ liệu(PDF) 200 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV04KC bảng dữ liệu(HTML) 200 Page - STMicroelectronics |
|
200 / 203 page ![]() Table 269. Byte Write in user memory when write operation is not allowed .................................. 166 Table 270. Byte Write in Dynamic Register (if not Read Only) ........................................... 167 Table 271. Polling during programming after byte write in Dynamic Register ................................. 167 Table 272. Byte Write in Dynamic Register if Read Only ............................................... 167 Table 273. Byte Write in mailbox when mailbox is free from RF message and fast transfer mode is activated .......... 168 Table 274. Byte Write in mailbox when mailbox is not free from RF message fast transfer mode is not activated ........ 168 Table 275. Byte Write in System memory if I2C security session is open and register is not RO .................... 169 Table 276. Polling during programing after byte write in System memory if I2C security session is open and register is not RO .............................................................................. 169 Table 277. Byte Write in System memory if I2C security session is closed or register is RO ....................... 170 Table 278. Sequential write User memory when write operation allowed and all bytes belong to same area............ 170 Table 279. Polling during programing after sequential write in User memory when write operation allowed and all bytes belong to same area. .................................................................... 171 Table 280. Sequential write in User memory when write operation allowed and crossing over area border............. 171 Table 281. Polling during programming after sequential write in User memory when write operation allowed and crossing over area border ...................................................................... 172 Table 282. Sequential write in mailbox when mailbox is free from RF message and fast transfer mode is activated ...... 172 Table 283. Polling during programing after sequential write in mailbox ..................................... 172 Table 284. Current byte Read in User memory if read operation allowed (depending on area protection and RF user security session) ........................................................................ 173 Table 285. Current Read in User memory if read operation not allowed (depending on area protection and RF user security session) ........................................................................ 173 Table 286. Random byte read in User memory if read operation allowed (depending on area protection and RF user security session) ........................................................................ 174 Table 287. Random byte read in User memory if operation not allowed (depending on area protection and RF user security)174 Table 288. Byte Read System memory (Static register or I2C Password after a valid Present I2C Password) ........... 175 Table 289. Random byte read in Dynamic registers .................................................. 175 Table 290. Sequential Read User memory if read operation allowed (depending on area protection and RF user security session) and all bytes belong to the same area ............................................. 176 Table 291. Sequential Read User memory if read operation allowed (depending on area protection and RF user security session) but crossing area border ...................................................... 177 Table 292. Sequential Read User memory if read operation allowed (depending on area protection and RF user security session) ........................................................................ 178 Table 293. Sequential in Read System memory (I2C security session open if reading I2C_PWD) ................... 179 Table 294. Sequential Read system memory when access is not granted (I2C password I2C_PWD) ................ 180 Table 295. Sequential read in dynamic register ..................................................... 181 Table 296. Sequential read in Dynamic register and mailbox continuously if fast transfer mode is activated ............ 182 Table 297. Sequential in mailbox if fast transfer mode is activated ........................................ 183 Table 298. Sequential read in mailbox if fast transfer mode is not activated .................................. 184 Table 299. Write Password when I2C security session is already open and fast transfer mode is not activated.......... 185 Table 300. Write Password when I2C security session is not open or fast transfer mode activated .................. 186 Table 301. Present Password (whatever status of I2C security session or fast transfer mode) ..................... 187 Table 302. Document revision history ............................................................ 188 ST25DV04KC ST25DV16KC ST25DV64KC List of tables DS13519 - Rev 3 page 200/203 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |