công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV04KC bảng dữ liệu(PDF) 148 Page - STMicroelectronics

tên linh kiện ST25DV04KC
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC bảng dữ liệu(HTML) 148 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 144Page - STMicroelectronics ST25DV04KC Datasheet HTML 145Page - STMicroelectronics ST25DV04KC Datasheet HTML 146Page - STMicroelectronics ST25DV04KC Datasheet HTML 147Page - STMicroelectronics ST25DV04KC Datasheet HTML 148Page - STMicroelectronics ST25DV04KC Datasheet HTML 149Page - STMicroelectronics ST25DV04KC Datasheet HTML 150Page - STMicroelectronics ST25DV04KC Datasheet HTML 151Page - STMicroelectronics ST25DV04KC Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 203 page
background image
Figure 81. I2C AC waveforms
SCL
SDA In
SCL
SDA Out
SCL
SDA In
tCHCL
tDLCL
tCHDX
Start
condition
tCLCH
tDXCX
tCLDX
SDA
Input
SDA
Change
tCHDH
tDHDL
Stop
condition
Data valid
tCLQV
tCLQX
tCHDH
Stop
condition
tCHDX
Start
condition
Write cycle
tW
Start
condition
tCHCL
tXH1XH2
tXH1XH2
tXL1XL2
tXL1XL2
Data valid
tDL1DL2
Figure 82 indicates how the value of the pull-up resistor can be calculated. In most applications, though, this
method of synchronization is not employed, and so the pull-up resistor is not necessary, provided that the bus
master has a push-pull (rather than open drain) output.
Figure 82. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus)
1
10
10
100
Bus line capacitor (pF)
I²C bus
master
ST25DV
Rbus
VCC
Cbus
SCL
SDA
Here,
R bu s × Cbu s= 120 ns
R
bu s × C
bu s = 150
ns
4
30
The Rbus x Cbus time constant
must be below 150 ns.
The time constant line is
represented on the left.
100
ST25DV04KC ST25DV16KC ST25DV64KC
I2C DC and AC parameters
DS13519 - Rev 3
page 148/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More