công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV04KC bảng dữ liệu(PDF) 125 Page - STMicroelectronics

tên linh kiện ST25DV04KC
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC bảng dữ liệu(HTML) 125 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 121Page - STMicroelectronics ST25DV04KC Datasheet HTML 122Page - STMicroelectronics ST25DV04KC Datasheet HTML 123Page - STMicroelectronics ST25DV04KC Datasheet HTML 124Page - STMicroelectronics ST25DV04KC Datasheet HTML 125Page - STMicroelectronics ST25DV04KC Datasheet HTML 126Page - STMicroelectronics ST25DV04KC Datasheet HTML 127Page - STMicroelectronics ST25DV04KC Datasheet HTML 128Page - STMicroelectronics ST25DV04KC Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 203 page
background image
Table 206. Read Message request format
Request
SOF
Request_flags
Read
Message
IC Mfg
code
UID (1) MBpointer
Number of
Bytes
CRC16
Request
EOF
-
8 bits
ACh
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (Optional)
•
Pointer (start at 00h)
•
Number of bytes is one less then the requested data
Table 207. Read Message response format when Error_flag is NOT set
Response SOF
Response_flags
Mailbox content
CRC16
Response EOF
-
8 bits
(Number of bytes + 1) bytes (1)
16 bits
-
1. Number of message Bytes when Number of Bytes is set to 00h.
Response parameters:
•
(number of data + 1 ) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
Figure 68. Read Message frame exchange between VCD and ST25DVxxKC
SOF
Read Message
request
VCD
ST25DVxxKC
EOF
SOF
Read Message
response
EOF
t1
7.6.34
Fast Read Message
On receiving the Fast Read Message command, the ST25DVxxKC reads up to 256 byte in the Mailbox from
the location specified by MBpointer and sends back their value in the response. First MailBox location is '00’.
When Number of bytes is set to 00h and MBPointer is equals to 00h, the MB_LEN bytes of the full message are
returned. Otherwise, Fast Read Message command returns (Number of Bytes + 1) bytes (i.e. 01h returns 2 bytes,
FFh returns 256 bytes).
An error is reported if (Pointer + Nb of bytes + 1) is greater than the message length..
RF Reading of the last byte of mailbox message automatically clears b1 of MB_CTRL_Dyn “HOST_PUT_MSG”
and allows RF to put a new message.
The data rate of the response is multiplied by 2 compated to Read Message.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 125/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com