công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX9830 bảng dữ liệu(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX9830
Giải thích chi tiết về linh kiện  BluetoothTM Serial Port Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9830 bảng dữ liệu(HTML) 39 Page - National Semiconductor (TI)

Back Button LMX9830 Datasheet HTML 35Page - National Semiconductor (TI) LMX9830 Datasheet HTML 36Page - National Semiconductor (TI) LMX9830 Datasheet HTML 37Page - National Semiconductor (TI) LMX9830 Datasheet HTML 38Page - National Semiconductor (TI) LMX9830 Datasheet HTML 39Page - National Semiconductor (TI) LMX9830 Datasheet HTML 40Page - National Semiconductor (TI) LMX9830 Datasheet HTML 41Page - National Semiconductor (TI) LMX9830 Datasheet HTML 42Page - National Semiconductor (TI) LMX9830 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
39
www.national.com
13.0 Usage Scenarios
13.1 SCENARIO 1: POINT-TO-POINT
CONNECTION
LMX9830 acts only as slave, no further configuration is
required.
Example: Sensor with LMX9830; hand-held device with
standard Bluetooth option.
The SPP conformance of the LMX9830 allows any device
using the SPP to connect to the LMX9830.
Because of switching to Transparent automatically, the con-
troller has no need for an additional protocol layer; data is
sent raw to the other Bluetooth device.
On default, a PinCode is requested to block unallowed tar-
geting.
Figure 24. Point-to-Point Connection
Microcontroller
LMX9830
Standard Device
Air Interface
UART
Search for Devices
Inquiry Request
Inquiry Response
Get Remote Services
Transparent Mode
No Bluetooth™ commands necessary
Sensor Device
only “connected” event indicated to controller
SDP Link Request
SDP Link Accept
Connected
Service Browse
Service Response
Release SDP Link
Release Confirm
SPP Link Request
SPP Link Accept
Establish SPP Link
Link Established
on Port L
The client software only
shows high level functions
with Bluetooth
Raw Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com