công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP2218 bảng dữ liệu(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AP2218
Giải thích chi tiết về linh kiện  1A LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2218 bảng dữ liệu(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2218 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2218 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Aug. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
1A LOW DROPOUT LINEAR REGULATOR
AP2218
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
15
V
Maximum Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Machine Model)
350
V
ESD (Human Body Model)
2000
V
Absolute Maximum Ratings (Note 1)
Package
Temperature
Range
Part Number
Marking ID
Package
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220F-4
-40 to 125
oC
AP2218T-3.3
AP2218T-3.3E1
AP2218T-3.3
AP2218T-3.3E1
Tube
AP2218T-5.0
AP2218T-5.0E1
AP2218T-5.0
AP2218T-5.0E1
Tube
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VIN
8
V
Operating Junction Temperature
TJ
-40
125
oC
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com