| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F469AE bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469AE bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 220 page ![]() DS11189 Rev 7 15/220 STM32F469xx Description 47 1.1 Compatibility throughout the family STM32F469xx devices are not compatible with other STM32F4xx devices. Figure 1 and Figure 2 show incompatible board designs, respectively, for LQFP176 and LQFP208 packages (highlighted pins). The UFBGA176 and TFBGA216 ballouts are compatible with other STM32F4xx devices, only few IO port pins are substituted, as shown in Figure 3 and Figure 4. The LQFP100, LQFP144 and UFBGA169 packages are incompatible with other STM32F4xx devices. |