công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMXT448UD-CCUBHA1 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện ATMXT448UD-CCUBHA1
Giải thích chi tiết về linh kiện  maXTouch 448-node Touchscreen Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMXT448UD-CCUBHA1 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button ATMXT448UD-CCUBHA1 Datasheet HTML 17Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 18Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 19Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 20Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 21Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 22Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 23Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 24Page - Microchip Technology ATMXT448UD-CCUBHA1 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
mXT448UD-CCUBHA1 1.0
 2021 Microchip Technology Inc. and its subsidiaries
DS40002352A-page 21
6.6
Digital Filtering and Noise Suppression
The mXT448UD-CCUBHA1 supports on-chip filtering of the acquisition data received from the sensor. Specifically, the
Noise Suppression T72 object provides an algorithm to suppress the effects of noise (for example, from a noisy charger
plugged into the user’s product). This algorithm can automatically adjust some of the acquisition parameters on-the-fly
to filter the Analog-to-Digital Conversions (ADCs) received from the sensor.
Additional noise suppression is provided by the Self Capacitance Noise Suppression T108 object. Similar in both design
and configuration to the Noise Suppression T72 object, the Self Capacitance Noise Suppression T108 object is the
noise suppression interface for self capacitance touch measurements.
Noise suppression is triggered when a noise source is detected.
• The host driver code can indicate when a noise source is present.
• The noise suppression is also triggered based on the noise levels detected using internal line measurements.The
Noise Suppression T72 and Self Capacitance Noise Suppression T108 object selects the appropriate controls to
suppress the noise present in the system.
6.7
Functional Safety – UL/IEC 60730 Class B Compliance
• The device is designed with functional safety applications in mind (for example, for the home appliance market).
Specifically, the device complies with the UL/IEC 60730 Class B safety specification:
- User-configurable self diagnostics to detect internal system errors (for example, CPU, memory and system
clocks), power, pin fault errors and signal errors for immediate action by the host system (see Section 12.3
“Self Test”). These tests can be configured to run at power-on/reset and/or as periodic testing during
operation.
- Other built-in automatic system-level tests (for example interrupts, CTE and peripheral I/O)
- Heartbeat (alive) signal output to host
- Enhanced communications that includes sequence numbers (timing) and CRC error checking
For more details on the self tests available on the mXT448UD-CCUBHA1, see Section 12.3 “Self Test”.
6.8
EMC Reduction
The mXT448UD-CCUBHA1 has the following mechanisms to help reduce EMC emissions and ensure that the user’s
product operates within the desired EMC limits:
• Spread Spectrum – Varies the burst frequency on each measurement pulse to spread the EMC energy over the
frequency domain. This feature is configured by the CTE Configuration T46 object.
• Configurable Voltage Reference Mode – Allows for the selection of voltage swing of the self capacitance
measurements.This feature is configured by the Self Capacitance Global Configuration T109 object.
• Input Buffer Power Configuration – Controls the positive/negative drive strength of the Input Buffer for self
capacitance measurements. This feature is configured by the Self Capacitance Global Configuration T109 object.
• Configurable Input Amplifier Bias – Controls the Input Amplifier Bias. This feature is configured by the Self
Capacitance Global Configuration T109 object.
• Configurable Wave Shaping – Controls the voltage modulation on self capacitance scans allows wave shaping
of the edge for EMC harmonic control. This feature is configured by the Self Capacitance Voltage Modulation T133
object.
6.9
Shieldless Support and Display Noise Suppression
The mXT448UD-CCUBHA1 can support shieldless sensor design even with a noisy LCD.
The Optimal Integration feature is not filtering as such, but enables the user to use a shorter integration window. The
integration window optimizes the amount of charge collected against the amount of noise collected, to ensure an optimal
SNR. This feature also benefits the system in the presence of an external noise source. This feature is configured using
the Shieldless T56 object.
Display noise suppression allows the device to overcome display noise simultaneously with external noise. This feature
is based on filtering provided by the Lens Bending T65 object (see Section 6.12 “Lens Bending”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com