| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8536AT bảng dữ liệu(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT bảng dữ liệu(HTML) 47 Page - NXP Semiconductors |
|
47 / 48 page ![]() PCE85176AUG All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 12 January 2015 47 of 48 NXP Semiconductors PCE85176AUG 4 × 40 LCD segment driver for Chip-On-Glass 25. Figures Fig 1. Block diagram of PCE85176AUG . . . . . . . . . . . . .2 Fig 2. Pinning diagram for PCE85176AUG (bare die) . . .3 Fig 3. Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . . .9 Fig 4. Relationship between LCD layout, drive mode, display RAM filling order, and display data transmitted over the I2C-bus . . . . . . . . . . . . . . . .10 Fig 5. RAM writing procedure . . . . . . . . . . . . . . . . . . . . 11 Fig 6. RAM banks in static and multiplex driving mode 1:2 . . . . . . . . . . . . . . . . . . . . . . . . .14 Fig 7. Bank selection . . . . . . . . . . . . . . . . . . . . . . . . . . .14 Fig 8. Example of the Bank-select command with multiplex drive mode 1:2 . . . . . . . . . . . . . . . . . . .15 Fig 9. Example of displays suitable for PCE85176AUG 16 Fig 10. Typical system configuration . . . . . . . . . . . . . . . .16 Fig 11. Electro-optical characteristic: relative transmission curve of the liquid. . . . . . . . . . . . . . . . . . . . . . . . .19 Fig 12. Static drive mode waveforms . . . . . . . . . . . . . . . .20 Fig 13. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 Fig 14. Waveforms for the 1:2 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Fig 15. Waveforms for the 1:3 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 16. Waveforms for the 1:4 multiplex drive mode with 1⁄3 bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 Fig 17. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 Fig 18. Definition of START and STOP conditions. . . . . .26 Fig 19. System configuration . . . . . . . . . . . . . . . . . . . . . .27 Fig 20. Acknowledgement of the I2C-bus . . . . . . . . . . . .27 Fig 21. I2C-bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . .28 Fig 22. Format of command byte . . . . . . . . . . . . . . . . . . .28 Fig 23. Device protection diagram . . . . . . . . . . . . . . . . . .29 Fig 24. Driver timing waveforms . . . . . . . . . . . . . . . . . . .33 Fig 25. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .33 Fig 26. Track resistances on the SDA and VSS line . . . . .34 Fig 27. Bare die outline of PCE85176AUG . . . . . . . . . . .35 Fig 28. Alignment marks of PCE85176AUG . . . . . . . . . .37 Fig 29. Tray details for PCE85176AUG . . . . . . . . . . . . . .38 Fig 30. Tray alignment for PCE85176AUG tray . . . . . . . .39 |