công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX9918ASA/V+ bảng dữ liệu(PDF) 19 Page - Maxim Integrated Products

tên linh kiện MAX9918ASA/V+
Giải thích chi tiết về linh kiện  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918ASA/V+ bảng dữ liệu(HTML) 19 Page - Maxim Integrated Products

Back Button MAX9918ASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 18Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
10/09
Initial release
—
1
1/10
Updated Functional Diagram
16
2
12/10
Added automotive qualified part
1
3
6/11
Added MAX9920ASA/V+ to data sheet
1
4
7/11
Added automotive qualified parts for the MAX9919NASA/V+ and the MAX9920ASA/V+
1
5
1/13
Added automotive qualified part for the MAX9919FASA/V+
1
6
1/15
Updated Applications and Benefits and Features section
1
7
1/17
Added Junction-to-Case Thermal Resistance specification to Package Thermal
Characteristics section
2
8
9/17
Added AEC-Q100 qualification statement to Benefits and Features section
1
9
2/19
Updated Applications, Benefits and Features, and added Package Information
1, 2
10
7/19
Updated TOC29
11
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2019 Maxim Integrated Products, Inc. │ 19
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at https://www.maximintegrated.com/en/storefront/storefront.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com