công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMX250 bảng dữ liệu(PDF) 10 Page - Yamar Electronics Ltd.

tên linh kiện DMX250
Giải thích chi tiết về linh kiện  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAR [Yamar Electronics Ltd.]
Trang chủ  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 bảng dữ liệu(HTML) 10 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 6Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 7Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 8Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 9Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 10Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 11Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 12Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 13Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 14Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
10
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
Figure 10 – Typical DMX250 to DMX/RDM controller interface
3.2
Interfacing to an existing DMX/RDM module
When interfacing to an existing DMX/RDM module that has already a built-in RS485 transceiver, an additional
RS485 transceiver is required to translate the signals to Tx and Rx 3.3V logic.
Figure 11 depicts a typical DMX250 to RS485 transceiver interface connection.
Figure 11 – Typical DMX250 to RS485 transceiver interface
3.3
DMX250 messages
3.3.1
Message structure
The DMX250 is DMX/RDM message-oriented device. The message is divided by the DMX250 into packets that are
encoded against errors and constructed into modulated powerline message (frame).
A frame is constructed from a Start-frame consisting of a preamble and optionally an arbitration sequence (in RDM
discovery process only), followed by packet/s of data bytes (at least 1 packet) and terminated with a "Frame-End”
indicating the last packet of the frame.
When the RDM discovery process is activated by the DMX-controller, unique arbitration patterns are transmitted
before the start-frame preamble pattern (see ‎3.3.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28