| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB7252P bảng dữ liệu(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252P bảng dữ liệu(HTML) 61 Page - Microchip Technology |
|
61 / 64 page ![]() 2018 - 2020 Microchip Technology Inc. DS00003561A-page 61 USB7252P PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. [X] XXX Package Temperature Range Device Device: USB7252P Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0C to +70C (Commercial) I = -40C to +85C (Industrial) Package: KDX = 100-pin VQFN Examples: a) USB7252P/KDX Tray, 0C to +70C, 100-pin VQFN b) USB7252PT/KDX Tape & reel, 0C to +70C, 100-pin VQFN c) USB7252P-I/KDX Tray, -40C to +85C, 100-pin VQFN d) USB7252PT-I/KDX Tape & reel, -40C to +85C, 100-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - / |