| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB7252P bảng dữ liệu(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252P bảng dữ liệu(HTML) 45 Page - Microchip Technology |
|
45 / 64 page ![]() 2018 - 2020 Microchip Technology Inc. DS00003561A-page 45 USB7252P 8.13.3 USB BUS RESET In response to the upstream port signaling a reset to the device, the device performs the following: 1. Sets default address to 0. 2. Sets configuration to Unconfigured. 3. Moves device from suspended to active (if suspended). 4. Complies with the USB Specification for behavior after completion of a reset sequence. The host then configures the device in accordance with the USB Specification. Note: The device does not propagate the upstream USB reset to downstream devices. |