| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB7216/KDX bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7216/KDX bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 61 page ![]() 2018 - 2020 Microchip Technology Inc. DS00003143B-page 11 USB7216 Downstream Port 1 USB 3.2 Gen 2 TX D- Orientation B USB3DN_TXDM1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Transmit Data Minus, port 1. Float Downstream Port 1 USB 3.2 Gen 2 RX D+ Orientation B USB3DN_RXDP1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Plus, port 1. Weak pull- down to GND Downstream Port 1 USB 3.2 Gen 2 RX D- Orientation B USB3DN_RXDM1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Minus, port 1. Weak pull- down to GND Downstream Ports 2-4 USB 3.2 Gen 2 TX D+ USB3DN_TXDP[2:4] I/O-U Downstream SuperSpeed+ Transmit Data Plus, ports 2 through 4. Float Downstream Ports 2-4 USB 3.2 Gen 2 TX D- USB3DN_TXDM[2:4] I/O-U Downstream SuperSpeed+ Transmit Data Minus, ports 2 through 4. Float Downstream Ports 2-4 USB 3.2 Gen 2 RX D+ USB3DN_RXDP[2:4] I/O-U Downstream SuperSpeed+ Receive Data Plus, ports 2 through 4. Weak pull- down to GND Downstream Ports 2-4 USB 3.2 Gen 2 RX D- USB3DN_RXDM[2:4] I/O-U Downstream SuperSpeed+ Receive Data Minus, ports 2 through 4. Weak pull- down to GND USB 2.0 Interfaces Upstream USB 2.0 D+ USB2UP_DP I/O-U Upstream USB 2.0 Data Plus (D+). Mandatory Note 3-9 Upstream USB 2.0 D- USB2UP_DM I/O-U Upstream USB 2.0 Data Minus (D-). Mandatory Note 3-9 Downstream Ports 1-6 USB 2.0 D+ USB2DN_DP[1:6] I/O-U Downstream USB 2.0 Ports 1-6 Data Plus (D+). Connect directly to 3.3V Downstream Ports 1-6 USB 2.0 D- USB2DN_DM[1:6] I/O-U Downstream USB 2.0 Ports 1-6 Data Minus (D-) Connect directly to 3.3V SPI Interface SPI Clock SPI_CLK I/O-U SPI clock. If the SPI interface is enabled, this pin must be driven low during reset. Weak pull- down to GND TABLE 3-1: PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description If Unused |