công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB7216/KDX bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện USB7216/KDX
Giải thích chi tiết về linh kiện  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216/KDX bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button USB7216/KDX Datasheet HTML 26Page - Microchip Technology USB7216/KDX Datasheet HTML 27Page - Microchip Technology USB7216/KDX Datasheet HTML 28Page - Microchip Technology USB7216/KDX Datasheet HTML 29Page - Microchip Technology USB7216/KDX Datasheet HTML 30Page - Microchip Technology USB7216/KDX Datasheet HTML 31Page - Microchip Technology USB7216/KDX Datasheet HTML 32Page - Microchip Technology USB7216/KDX Datasheet HTML 33Page - Microchip Technology USB7216/KDX Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
USB7216
DS00003143B-page 30
2018 - 2020 Microchip Technology Inc.
5.1.7
OTP CONFIGURATION STAGE (CFG_OTP)
Once the SOC has indicated that it is done with configuration, all configuration data is combined in this stage. The
default data, the SOC configuration data, and the OTP data are all combined in the firmware and the device is pro-
grammed.
5.1.8
HUB CONNECT STAGE (USB_ATTACH)
Once the hub registers are updated through default values, SMBus master, and OTP, the device firmware will enable
attaching the USB host by setting the USB_ATTACH bit in the HUB_CMD_STAT register (for USB 2.0) and the
USB3_HUB_ENABLE bit (for USB 3.2). The device will remain in the Hub Connect stage indefinitely.
5.1.9
NORMAL MODE (NORMAL_MODE)
Lastly, the hub enters Normal Mode of operation. In this stage full USB operation is supported under control of the USB
Host on the upstream port. The device will remain in the normal mode until the operating mode is changed by the sys-
tem.
If
RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any of the designated
hub stages. Asserting a soft disconnect on the upstream port will cause the hub to return to the Hub Connect stage until
the soft disconnect is negated.
Note:
If the same register is modified in both CFG_SMBUS and CFG_OTP stages, the value from CFG_OTP will
overwrite any value written during CFG_SMBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61