công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6576 bảng dữ liệu(PDF) 1 Page - Maxim Integrated Products

tên linh kiện MAX6576
Giải thích chi tiết về linh kiện  SOT Temperature Sensors with Period/Frequency Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6576 bảng dữ liệu(HTML) 1 Page - Maxim Integrated Products

  MAX6576_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6576_V01 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX6576/MAX6577 are low-cost, low-current tem-
perature sensors with a single-wire output. The MAX6576
converts the ambient temperature into a square wave with
a period proportional to absolute temperature (°K). The
MAX6577 converts the ambient temperature into a square
wave with a frequency proportional to absolute tempera-
ture. The MAX6576 offers accuracy of ±3°C at +25°C,
±4.5°C at +85°C, and ±5°C at +125°C. The MAX6577
offers accuracy of ±3°C at +25°C, ±3.5°C at +85°C, and
±4.5°C at +125°C.
Both devices feature a single-wire output that minimizes
the number of pins necessary to interface with a micropro-
cessor. The period/frequency range of the output square
wave can be selected by hard-wiring the two time-select
pins (TS0, TS1) to either VDD or GND. The MAX6576/
MAX6577 are available in space-saving 6-pin SOT23
packages.
Applications
● Critical μP and μC Temperature Monitoring
● Portable Battery-Powered Equipment
● Cell Phones
● Battery Packs
● Hard Drives/Tape Drives
● Networking and Telecom Equipment
● Medical Equipment
Features
● Simple Single-Wire Output
● Two Output Types Available
• Temperature to Period (μs) (MAX6576)
• Temperature to Frequency (Hz) (MAX6577)
● ±0.8°C Accuracy at +25°C (±3°C max)
● No External Components
● Operates from +2.7V to +5.5V Supply Voltage
● Low 140μA Typical Supply Current
● Standard Operating Temperature Range:
-40°C to +125°C
● Small 6-Pin SOT23 Package
19-1484; Rev 1; 10/14
PART
TEMP. RANGE
PIN-
PACKAGE
SOT TOP
MARK
MAX6576ZUT
-40°C to +125°C 6 SOT23
AABI
MAX6577ZUT
-40°C to +125°C 6 SOT23
AABJ
GND
TS0
N.C.
1
6 OUT
5 TS1
VDD
SOT23-6
TOP VIEW
2
3
4
MAX6576
MAX6577
+2.7V TO +5.5V
GND
TS0
TS1
OUT
0.1µF
0.1µF
VDD
µP
GND
I/O
VCC
MAX6576
MAX6577
MAX6576/MAX6577
SOT Temperature Sensors with
Period/Frequency Output
Pin Configuration
Typical Operating Circuit
Ordering Information


Số phần tương tự - MAX6576_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6576-MAX6577 MAXIM-MAX6576-MAX6577 Datasheet
136Kb / 8P
SOT Temperature Sensors with Period/Frequency Output
Rev 0; 4/99
MAX6576ZUT MAXIM-MAX6576ZUT Datasheet
136Kb / 8P
SOT Temperature Sensors with Period/Frequency Output
Rev 0; 4/99
More results

Mô tả tương tự - MAX6576_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
215Kb / 9P
SOT-23 Precision Centigrade Temperature Sensors
logo
Maxim Integrated Produc...
MAX6576 MAXIM-MAX6576 Datasheet
136Kb / 8P
SOT Temperature Sensors with Period/Frequency Output
Rev 0; 4/99
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
logo
NXP Semiconductors
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
logo
List of Unclassifed Man...
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
National Semiconductor ...
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
NXP Semiconductors
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
AMR Sensor with 180째 period
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com