công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLCY6100-AS21 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện TLCY6100-AS21
Giải thích chi tiết về linh kiện  Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCY6100-AS21 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  TLCY6100-AS21 Datasheet HTML 1Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 2Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 3Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 4Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 5Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 6Page - Vishay Siliconix TLCY6100-AS21 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLCY610.
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 27-Sep-2021
2
Document Number: 81468
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) In one packing unit IVmax./IVmin.
≤ 2.0
(2) Not for new designs
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each bag (there will be no mixing of two groups on
each bag).
In order to ensure availability, single brightness groups will not
be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one bag.
In order to ensure availability, single wavelength groups will not
be orderable
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TLCY6100, TLCY6101, YELLOW
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 50 mA
TLCY6100
IV
3200
7500
-
mcd
TLCY6101 (2)
IV
5750
-
20 000
mcd
Dominant wavelength
IF = 50 mA
λd
585
590
597
nm
Peak wavelength
IF = 50 mA
λp
-
593
-
nm
Spectral bandwidth at
50 % Irel max.
IF = 50 mA
Δλ
-17
-
nm
Angle of half intensity
IF = 50 mA
ϕ
-± 9-
°
Forward voltage
IF = 50 mA
VF
-2.1
2.7
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 50 mA
TCVF
--3.5-
mV/K
Temperature coefficient of
λd
IF = 50 mA
TC
λd
-0.1
-
nm/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
STANDARD
MIN.
MAX.
BB
430
860
CC
575
1150
DD
750
1500
EE
1000
2000
FF
1350
2700
GG
1800
3600
HH
2400
4800
II
3200
6400
KK
4300
8600
LL
5750
11 500
MM
7500
15 000
NN
10 000
20 000
PP
13 500
27 000
QQ
18 000
36 000
RR
24 000
48 000
SS
32 000
64 000
TT
43 000
86 000
UU
57 500
115 000
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
RED
YELLOW
MIN.
MAX.
MIN.
MAX.
0
585
588
1
611
618
587
591
2
614
622
589
594
3
592
597



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com