công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX98307ETE/V+ bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAX98307ETE/V+
Giải thích chi tiết về linh kiện  3.3W Mono Class DG Multilevel Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98307ETE/V+ bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAX98307ETE/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Detailed Description
The MAX98307/MAX98308 fully differential mono Class
DG multilevel power amplifiers with integrated inverting
charge pumps offer highly efficient, high-power audio
solutions for portable applications.
The new Class DG multilevel modulation scheme extends
the dynamic range of the output signal by employing a
charge-pump-generated negative rail, which is used as
needed to extend the supply range. When the negative
rail is not needed, the output is drawn entirely from the
standard supply. This scheme results in high efficiency
over a wide output power range.
The power amplifier incorporates active emissions limiting
edge rate and overshoot control circuitry in combination
with the multilevel output modulation scheme to greatly
reduce EMI. These features eliminate the need for output
filtering as compared to traditional Class D amplifiers,
which reduces an application’s component count.
The MAX98307 has an adjustable gain set by external
resistors. The MAX98308 has preset fixed gains of 8.5dB,
11.5dB, 14.5dB, 17.5dB, and 20.5dB set by a gain select
input (GAIN).
Class DG Multilevel Operation
The ICs’ filterless Class DG multilevel amplifiers feature
a proprietary Maxim output stage that offers higher effi-
ciency over a greater output power range than previous
amplifiers. The amplifier combines Class D switching
output efficiency and Class G supply level shifting with a
multilevel output modulation scheme that with a 5V supply
has efficiency better than 80% efficiency over the 0.35W
to 2.2W output range.
The Class DG multilevel output stage uses pulse-width
modulation (PWM), a rail-to-rail digital output signal with
variable duty cycle, to approximate an analog input signal
as in a Class D amplifier. Rail-to-rail operation ensures
that any dissipation at the output is due solely to the
RDS(ON) of the power output MOSFETs. The Class DG
multilevel output stage also senses the magnitude of the
output signal and switches the supply rails as needed
to more efficiently supply the required signal power. For
a low output signal swing requirement (below the bat-
tery supply rail VPVDD), the output range is between
VPVDD and ground. When output swing above VPVDD
is required, VPVSS, an internal inverting charge-pump-
generated negative rail replaces ground as the lower sup-
ply. The high output swing range is then VPVDD to VPVSS,
approximately double the low swing range. This approach
efficiently manages power consumption by switching the
operating rails as needed according to the output swing
requirements. Additionally, multilevel output modulation is
employed in to draw the maximum possible power from
the lower impedance battery supply rail, VPVDD, rather
than the higher impedance charge-pump-generated rail
VPVSS. This is accomplished by generating PWM sig-
nals that swing from ground to VPVDD or from ground to
VPVSS at either end of the bridge tied load (BTL) rather
than continually swinging from VPVDD to VPVSS. The sig-
nals are modulated in such a way that VPVSS is used only
as necessary to generate low-end signal swing.
These combined operations ensure that power dissipation
due to RDS(ON) loss and charge-pump impedance is min-
imized, and that efficiency and output power is maximized
across the audio range. Class DG multilevel operation is
shown as Figure 1.
Figure 1. Class DG Multilevel Operation
MAX98307 fig01
400µs/div
OUT+
5V/div
OUT-
5V/div
OUT+ - OUT-
10V/div
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com