công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4681SQ bảng dữ liệu(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM4681SQ
Giải thích chi tiết về linh kiện  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4681SQ bảng dữ liệu(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4681SQ Datasheet HTML 11Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 12Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 13Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 14Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 15Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 16Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 17Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 18Page - National Semiconductor (TI) LM4681SQ Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
General Features (Continued)
8. If ENABLE is logic-low for more than 8 CLK pulses then
only the first 8 data bits will be latched and activated at rising
edge of eighth CLK.
9. ENABLE must remain logic-high for at least 50ns (t
EL ).
10. Coincidental rising or falling edges of CLK and ENABLE
are not allowed. If CLK is to be held logic-high after the data
transmission, the falling edge of CLK must occur at least
50ns (t
CS ) before ENABLE transitions to logic-low for the
next set of data.
Volume Control
The internal Stereo Volume Control is set by changing bits 0
through 4 in the SPI interface, as shown in table 3 below.
TABLE 1. Volume Control Settings
Gain (dB)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HP Outputs
Class D
Outputs
–64.94
–48.03
0000
0
–64.94
–48.03
0000
1
–56.94
–36.03
0001
0
–47.94
–31.03
0001
1
–42.94
–26.03
0010
0
–37.94
–21.03
0010
1
–33.94
–17.03
0011
0
–31.94
–15.03
0011
1
–28.94
–12.03
0100
0
–25.94
–9.03
0100
1
–22.94
–6.03
0101
0
–20.94
–4.03
0101
1
–18.94
–2.03
0110
0
–16.94
–0.03
0110
1
–14.94
1.97
0111
0
–12.94
3.97
0111
1
–10.94
5.97
1000
0
–8.94
7.97
1000
1
–6.94
9.97
1001
0
–4.94
11.97
1001
1
–2.94
13.97
1010
0
–0.94
15.97
1010
1
1.06
17.97
1011
0
3.06
19.97
1011
1
6.06
22.97
1100
0
7.07
23.97
1100
1
8.06
24.97
1101
0
9.06
25.97
1101
1
10.06
26.97
1110
0
11.06
27.97
1110
1
12.06
28.97
1111
0
13.06
29.97
1111
1
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com