| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASL1507SHN bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL1507SHN bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 56 page ![]() NXP Semiconductors ASL1507SHN; ASL2507SHN Single-phase and two-phase boost converter with limp-home mode ASL1507_ASL2507 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 1 — 26 April 2018 49 / 56 13 Application information Figure 19 provides an application example for the ASL2507SHN in a typical two-phase boost converter IC with one output voltage. aaa-029674 battery C1 C16 C2 VGG FB1 C18 VCC VBAT EN CSB SDI SDO SCLK GND VBAT GND VCC EN_1 GND SCLK SDO SDI CSB EN VCC VGG G1 BS1 LX1 RH1 RL1 PWM1 PWM2 EN_2 CSB1 CSB2 SDI SDO SCLK PWM1 PWM2 RSTN EN TXD RXD VCC RSTN EN TXD RXD GND LIN LIN TJA1028 ASL2507SHN ASLxxxxSHN µC D8 C15 M5 C5 L5 R5 LED1 C12 D9 D10 D11 D5 VIN G1 SNH1 SNL1 C8 D1 L1 M1 R1 G2 SNH2 SNL2 C9 D2 L2 M2 R2 C19 C20 FB2 G2 BS2 LX2 RH2 RL2 M6 C6 L6 R6 LED2 C13 D12 D13 D14 D6 G3 BS3 LX3 RH3 RL3 M7 C7 L7 R7 LED3 C14 D15 D16 D17 D7 PWM3 PWM3 Figure 19. ASL2507SHN, configured as two-phase, single output boost converter 14 Test information 14.1 Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q100 - Failure mechanism-based stress test qualification for integrated circuits, and is suitable for use in automotive applications. |