công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78451AP bảng dữ liệu(PDF) 9 Page - ELAN Microelectronics Corp

tên linh kiện EM78451AP
Giải thích chi tiết về linh kiện  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78451AP bảng dữ liệu(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78451AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78451AP Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
EM78451
8-Bit Microcontroller
Product Specification (V1.2) 05.27.2004
• 5
(This specification is subject to change without further notice)
In the case of EM78451, the most significant bit (A10,A11) will be loaded with the
content of bit PS0 ~PS1 in the status register (R3) upon the execution of a "JMP",
"CALL", or any other instructions which writes to R2.
All instructions are single instruction cycle (fclk/2 or fclk/4) except for the instruction
that would change the contents of R2. Such instruction will need one more
instruction cycle.
PC
A11A10
A9A8
A7
~
A0
CALL
RET
RETL
RETI
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
000
3FF
Page 0
00
400
7FF
Page 1
800
BFF
Page 2
C00
FFF
Page 3
01
10
11
001:Hareware interrupt location
002:Software interrupt (INT instruction) location
FFF:Reset location
Fig. 3 Program counter organization
4.1.4 R3 (Status Register)
7
6
5
4
3
2
1
0
GP
PS1
PS0
T
P
Z
DC
C
Bit 0 (C) Carry flag
Bit 1 (DC) Auxiliary carry flag
Bit 2 (Z) Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 3 (P) Power down bit. Set to 1 during power on or by a "WDTC" command and reset
to 0 by a "SLEP" command.
Bit 4 (T) Time-out bit. Set to 1 with the "SLEP" and the "WDTC" commands, or during
power up and reset to 0 with WDT timeout.
Bits 5 (PS0) ~ 6 (PS1) Page select bits. PS0~PS1 are used to pre-select a program
memory page. When executing a "JMP", "CALL", or other instructions which
causes the program counter to be changed (e.g. MOV R2, A), PS0~PS1 are
loaded into the 11th and 12th bits of the program counter where it selects one
of the available program memory pages. Note that RET (RETL, RETI)
instruction does not change the PS0~PS1 bits. That is, the return will always
be the page from where the subroutine was called, regardless of the current
settings of PS0~PS1 bits. PS1 bit is not used (read as "0") and cannot be
modified in EM78451.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com