công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-14631 bảng dữ liệu(PDF) 2 Page - SparkFun Electronics

tên linh kiện DEV-14631
Giải thích chi tiết về linh kiện  Lilypad USB Plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14631 bảng dữ liệu(HTML) 2 Page - SparkFun Electronics

  DEV-14631 Datasheet HTML 1Page - SparkFun Electronics DEV-14631 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
A portion of this sale is given back to Dr. Leah Buechley for continued development and
education in e-textiles.
FEATURES
•
USB port for connecting to a computer.
•
Two sets of power (+) and ground (-) sew tabs.
•
Built-in RGB LED attached to pins 12 ®, 13 (G), and 14 (B).
•
A row of six white LEDs attached to pins 15-20.
•
Charging circuit for single-cell (3.7V) Lithium-Polymer batteries.
https://www.sparkfun.com/products/14631 6-11-18



Html Pages

1 2