công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-14631 bảng dữ liệu(PDF) 1 Page - SparkFun Electronics

tên linh kiện DEV-14631
Giải thích chi tiết về linh kiện  Lilypad USB Plus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14631 bảng dữ liệu(HTML) 1 Page - SparkFun Electronics

  DEV-14631 Datasheet HTML 1Page - SparkFun Electronics DEV-14631 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lilypad USB Plus
DEV-14631 ROHS
This is the LilyPad USB Plus, a sewable electronics microcontroller board controlled by an
ATmega32U4 with the Arduino bootloader. It has a built in power supply JST (and recharge circuit)
and an on/off switch with the only extra piece of hardware you need to program the LilyPad USB
Plus being a micro-USB cable. We’ve also added an RGB LED in the dead-center of the board along
with six white LEDs to act as a sort of bar graph. The LilyPad USB Plus was designed to streamline
your next sewable project by keeping things simple and giving you more room to work while
eliminating the need to sew a power supply.
It has fourteen sew tabs for connecting components with conductive thread. Four of these tabs are
reserved for connecting power and ground of LilyPad sensors and accessory boards, and ten are
input/output (I/O). For reference, each sew tab has a nearby label with its name and the pin number
it is connected to on the ATmega32U4 chip at its center.
LilyPad is a wearable e-textile technology developed by Leah Buechley and cooperatively designed
by Leah and SparkFun. Each LilyPad was creatively designed to have large connecting pads to
allow them to be sewn into clothing. Various input, output, power, and sensor boards are available in
the LilyPad line but will also work with most other wearable e-textile lines. They’re even washable!


Số phần tương tự - DEV-14631

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SparkFun Electronics
DEV-14629 SPARKFUN-DEV-14629 Datasheet
141Kb / 2P
LilyPad Light Sensor
6??1??8
More results

Mô tả tương tự - DEV-14631

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
DEV-09101 SPARKFUN-DEV-09101 Datasheet
107Kb / 1P
LilyPad Protoboard Large
11/24/2015
DEV-09350 SPARKFUN-DEV-09350 Datasheet
96Kb / 1P
LilyPad Slide Switch
10/13/2015
DEV-11260 SPARKFUN-DEV-11260 Datasheet
100Kb / 1P
LilyPad LiPower
10/13/2015
DEV-12049 SPARKFUN-DEV-12049 Datasheet
108Kb / 1P
LilyPad Arduino USB - ATmega32U4 Board
10/13/2015
DEV-12921 SPARKFUN-DEV-12921 Datasheet
105Kb / 1P
LilyPad XBee
11/24/2015
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
DEV-14063 SPARKFUN-DEV-14063 Datasheet
90Kb / 1P
LilyPad LilyMini ProtoSnap
DEV-14346 SPARKFUN-DEV-14346 Datasheet
245Kb / 2P
LilyPad ProtoSnap Plus
10????7
KIT-12073 SPARKFUN-KIT-12073 Datasheet
98Kb / 2P
LilyPad Design Kit
11/24/2015
More results


Html Pages

1 2