công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AOU460 bảng dữ liệu(PDF) 2 Page - Alpha & Omega Semiconductors

tên linh kiện AOU460
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU460 bảng dữ liệu(HTML) 2 Page - Alpha & Omega Semiconductors

  AOU460 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU460 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU460 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU460 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU460 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOU460
Symbol
Min
Typ
Max
Units
BVDSS
25
V
0.01
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.8
2.5
V
ID(ON)
70
A
12
14
TJ=125°C
17.7
20
24
m
Ω
gFS
18.9
S
VSD
0.74
1
V
IS
25
A
Ciss
830
1000
pF
Coss
224
pF
Crss
127
pF
Rg
0.93
1.5
Ω
Qg(10V)
15.3
19
nC
Qg(4.5V)
7.4
9
nC
Qgs
2.7
nC
Qgd
4.3
nC
tD(on)
8ns
tr
11.7
ns
tD(off)
30
ns
tf
11
ns
trr
23.5
30
ns
Qrr
12.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE Rev0:July2005
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=250uA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
VGS=0V, VDS=12.5V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS, ID=250µA
VDS=20V, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=4.5V, ID=20A
IS=1A, VGS=0V
VDS=5V, ID=20A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=12.5V, ID=20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=12.5V,
RL=0.625Ω, RGEN=3Ω
A: The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T J(MAX)=175°C.
G. The maximum current rating is limited by bond-wires.
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com