| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3933 bảng dữ liệu(PDF) 49 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3933 bảng dữ liệu(HTML) 49 Page - ams AG |
|
49 / 64 page ![]() Page 48 ams Datasheet Document Feedback [v1-08] 2015-Sep-02 AS3933 − Detailed Description Most wake-up receivers have to deal with environments that can rapidly change. By periodically monitoring the number of false wake-up events it is possible to adapt the system setup to the actual characteristics of the environment and enables a better use of the full flexibility of AS3933. Figure 55: Concept of the False Wake-Up Register Together with the System Frequency Detector Pattern Correlator Wakeup Level 1 Wakeup Level 2 WAKE False wakeup register Unsuccessful pattern correlation Register Setup Microcontroller READ FALSE WAKEUP REGISTER |