công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BOXSTK1AW32SC bảng dữ liệu(PDF) 23 Page - Intel Corporation

tên linh kiện BOXSTK1AW32SC
Giải thích chi tiết về linh kiện  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

BOXSTK1AW32SC bảng dữ liệu(HTML) 23 Page - Intel Corporation

Back Button BOXSTK1AW32SC Datasheet HTML 19Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 20Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 21Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 22Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 23Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 24Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 25Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 26Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 27Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Regulatory Compliance and Battery Disposal Information
23
2.5
Environmental
Table 7 lists the environmental specifications for the Intel Compute Stick.
Table 7. Environmental Specifications
Parameter
Specification
Temperature
Non-Operating
-40 C to +60 C
Operating
0 C to +35 C
The operating temperature of the Intel Compute Stick may be determined by measuring
the air temperature from the outside of the chassis while the system is in operation1.
Shock
Unpackaged
80cm drop
Packaged
Half sine 2 millisecond
Product Weight (pounds)
Free Fall (inches)
Velocity Change (inches/s²)
<20
36
167
21-40
30
152
41-80
24
136
81-100
18
118
Vibration
Unpackaged
5 Hz to 20 Hz: 0.01 g² Hz sloping up to 0.02 g² Hz
20 Hz to 500 Hz: 0.02 g² Hz (flat)
Packaged
5 Hz to 40 Hz: 0.015 g² Hz (flat)
40 Hz to 500 Hz: 0.015 g² Hz sloping down to 0.00015 g² Hz
1 Before attempting to operate the Intel Compute Stick, the overall temperature of the Intel Compute Stick must be
above the minimum and below the maximum operating temperatures specified. The operating and non-operating
environment must avoid condensing humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com