công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BOXSTK1AW32SC bảng dữ liệu(PDF) 8 Page - Intel Corporation

tên linh kiện BOXSTK1AW32SC
Giải thích chi tiết về linh kiện  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

BOXSTK1AW32SC bảng dữ liệu(HTML) 8 Page - Intel Corporation

Back Button BOXSTK1AW32SC Datasheet HTML 4Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 5Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 6Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 7Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 8Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 9Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 10Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 11Page - Intel Corporation BOXSTK1AW32SC Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
1
Product Description
1.1
Overview
1.1.1
Version Summary
There are two different versions of this model of Intel® Compute Stick available which are
summarized in Table 1. Unless otherwise noted in this document all features are available on all
versions of the Intel Compute Stick.
Table 1. Version Summary
Version
Processor
OS Pre-installed
STK1AW32SC
Intel® Atom™ x5-Z8300 or x5-Z8330
Yes, Windows 10*
STK1A32SC
Intel® Atom™ x5-Z8300 or x5-Z8330
No
1.1.2
Feature Summary
Table 2 summarizes the major features of the Intel Compute Stick.
Table 2. Feature Summary
Form Factor
113 millimeters by 38 millimeters by 12 millimeters (4.4488 inches by 1.4961 inches by
0.4724 inches)
Processor
 Soldered-down Intel® Atom™ processor
― Integrated graphics
― Integrated memory controller
― Integrated PCH
Memory
 Soldered-down single-channel DDR3L-RS 1600 MHz memory
 2 GB total memory
Graphics
 Integrated graphics support with Intel® HD Graphics Technology:
― High Definition Multimedia Interface* (HDMI*)
Audio
Intel® High Definition (Intel® HD) Audio via the HDMI interface
Peripheral Interfaces
 One full size USB 3.0 port
 One full size USB 2.0 port
Storage
 32 GB soldered-down Embedded MultiMediaCard (eMMC) onboard storage
 One Micro SD card slot (SDXC v3.0 with UHS-I support)
BIOS
 Intel® BIOS resident in the Serial Peripheral Interface (SPI) Flash device
 Support for Advanced Configuration and Power Interface (ACPI), Plug and Play, and
System Management BIOS (SMBIOS)
Wireless LAN
Soldered-down Intel® Dual Band Wireless-AC module
 802.11a/b/g/n, 802.11ac, Bluetooth* 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com