công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE4314B-Z bảng dữ liệu(PDF) 6 Page - Peregrine Semiconductor

tên linh kiện PE4314B-Z
Giải thích chi tiết về linh kiện  UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PSEMI [Peregrine Semiconductor]
Trang chủ  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4314B-Z bảng dữ liệu(HTML) 6 Page - Peregrine Semiconductor

Back Button PE4314B-Z Datasheet HTML 2Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 3Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 4Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 5Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 6Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 7Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 8Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 9Page - Peregrine Semiconductor PE4314B-Z Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PE4314
RF Digital Step Attenuator
Page 6
DOC-81718-1 – (02/2017)
www.psemi.com
Switching Frequency
The PE4314 has a maximum 25 kHz switching
frequency in normal mode (pin 12 tied to ground). A
faster switching frequency is available in bypass
mode (pin 12 tied to VSS_EXT). The rate at which the
PE4314 can be switched is then limited to the
switching time as specified in Table 3.
Switching frequency is defined to be the speed at
which the DSA can be toggled across attenuation
states. Switching time is the time duration between
the point the control signal reached 50% of the final
value and the point the output signal reaches within
10% or 90% of its target value.
Spur-Free Performance
The typical spurious performance of the PE4314 in
normal mode is –158 dBm/Hz (pin 12 tied to ground).
The spur fundamental occurs around 2.6 MHz and it
has a bandwidth of 100 kHz. This results in a CATV
band typical spurious level for frequencies above
5 MHz of –154 dBm. If spur-free performance is
desired, the internal negative voltage generator can
be disabled by applying a negative voltage to VSS_EXT
(pin 12).
Glitch-less Attenuation State Transitions
The PE4314 features a novel architecture to provide
the best-in-class glitch-less transition behavior when
changing attenuation states. When RF input power is
applied, the output power spikes are greatly reduced
(0.5 dB) during attenuation state changes when
comparing to previous generations of DSAs.
Thermal Data
Psi-JT (
JT), junction top-of-package, is a thermal
metric to estimate junction temperature of a device on
the customer application PCB (JEDEC JESD51-2).
JT = (TJ – TT)/P
where
JT = junction-to-top of package characterization
parameter, °C/W
TJ = die junction temperature, °C
TT = package temperature (top surface, in the
center), °C
P = power dissipated by device, Watts
Truth Tables
Table 5 and Table 6 provide the truth tables for the
PE4314.
Table 4 • Thermal Data for PE4314
Parameter
Typ Unit
Maximum junction temperature, TJMAX
(RF input power, CW = 24 dBm, +105 °C ambient)
124
°C
JT
25
°C/W
θ
JA, junction-to-ambient thermal resistance
74
°C/W
Table 5 • Parallel Truth Table for PE4314(*)
P/S C16
C8
C4
C2
C1 C0.5
Attenuation
Setting
RF1–RF2
0000
00
0
Reference IL
0000
00
1
0.5 dB
0000
01
0
1 dB
0000
10
0
2 dB
0001
00
0
4 dB
0010
00
0
8 dB
0100
00
0
16 dB
0111
11
1
31.5 dB
Note: * Not all 64 possible combinations of C0.5–C16 are shown.
Table 6 • Parallel Power-up Truth Table for PE4314(*)
P/S
LE
PUP1 PUP2
Attenuation Setting
RF1–RF2
0000
Reference IL
0001
8 dB
0010
16 dB
0011
31.5 dB
0
1
X
X
Defined by C0.5–C16
Note: * Power up with LE = 1 provides normal parallel operation with
C0.5–C16, and PUP1 and PUP2 are not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com