| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL-USB2-BLASTER bảng dữ liệu(PDF) 9 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PL-USB2-BLASTER bảng dữ liệu(HTML) 9 Page - Intel Corporation |
|
9 / 17 page ![]() Figure 2. Intel FPGA Download Cable II Block Diagram USB Interface Chip EPM570M100C5 I/Os I/Os VCC USB Receptacle LVDS Drivers/Receivers LVDS Cabling I/O I/O I/O I/O I/O I/O I/O Voltage Translator Circuitry Pin 1 10-Pin Female Plug VCC (TRGT) 2.3. Intel FPGA Download Cable II Plug Connection The 10-pin female plug connects to a 10-pin male header on the circuit board containing the target device. Figure 3. Intel FPGA Download Cable II 10-Pin Female Plug Dimensions - Inches & Millimeters 0.37 (9.4) Typ. 0.24 (6.1) Typ. 0.04 (1.0) Typ. .10 (2.5)Sq. 0.70 (17.8) Typ. 0.15 (3.8) Typ. .025 (.63)Sq. 10 9 8 7 6 5 4 3 2 1 2. Intel FPGA Download Cable II Specifications UG-01150 | 2018.04.19 Send Feedback Intel FPGA Download Cable II User Guide 9 |