| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL-USB2-BLASTER bảng dữ liệu(PDF) 7 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PL-USB2-BLASTER bảng dữ liệu(HTML) 7 Page - Intel Corporation |
|
7 / 17 page ![]() 1.7. Installing the Intel FPGA Download Cable II Driver on Windows XP Systems You must have system administration (administrator) privileges to install the download cable driver. The download cable drivers are included in the Quartus Prime software installation. Before you begin the installation, verify that the download cable driver is located in your directory: \<Quartus Prime system directory>\drivers\usb-blaster-ii. 1.8. Setting Up the Intel FPGA Download Cable II Hardware with the Quartus Prime Software 1. Start the Quartus Prime software. 2. From the Tools menu, click Programmer. 3. Click Hardware Setup. 4. Click the Hardware Settings tab. 5. From the Currently selected hardware list, select Intel FPGA Download Cable II. 6. Click Close. 7. In the Mode list, choose an appropriate programming mode. The table below describes each mode. Table 1. Programming Modes Mode Mode Description Joint Test Action Group (JTAG) Programs or configures all devices supported by Quartus Prime software via JTAG programming. In-Socket Programming Not supported by the download cable. Passive Serial Programming Configures all devices supported by Quartus Prime software excluding enhanced configuration devices (EPC) and serial configuration devices (EPCS/Q). Active Serial Programming Programs a single EPCS1, EPCS4, EPCS16, EPCS64, EPCS/ Q128, EPCQ256, EPCQ-L and EPCQ512 device. For detailed help on using the Quartus Prime Programmer, refer to the Quartus Prime Handbook. Related Information Quartus Prime Handbook 1. Setting Up the Intel FPGA Download Cable II UG-01150 | 2018.04.19 Send Feedback Intel FPGA Download Cable II User Guide 7 |