| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85363ATL/A bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85363ATL/A bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 86 page ![]() NXP Semiconductors PCF85363A Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus Offset value in ppm OFFSET[7:0] Offset value in decimal Normal mode OFFM = 0 Fast mode OFFM = 1 011 1 1111 +127 +275.590 +258.3815 011 1 1110 +126 +273.420 +256.3470 : : : : 0000 0010 +2 +4.340 +4.0690 0000 0001 +1 +2.170 +2.0345 0000 0000[1] 0 0[1] 0[1] 1111 1111 -1 -2.170 -2.0345 1111 1110 -2 -4.340 -4.0690 : : : : 1000 0001 -127 -275.590 -258.3815 1000 0000 -128 -277.760 -260.416 Table 24. Offset values [1] Default value. The correction is made by adding or subtracting clock correction pulses, thereby changing the period of a single second but not by changing the oscillator frequency. It is possible to monitor when correction pulses are applied. See Section 7.8.4. 7.8.1 Correction when OFFM = 0 The correction is triggered once every four hours and then correction pulses are applied once per minute until the programmed correction values have been implemented. Correction value Every nth hour Actual minute +1 or -1 4 00 +2 or -2 4 00 and 01 +3 or -3 4 00, 01, and 02 : : : +59 or -59 4 00 to 58 +60 or -60 4 00 to 59 4 00 to 59 +61 or -61 4 + 1 00 4 00 to 59 +62 or -62 4 + 1 00 and 01 : : : 4 00 to 59 +123 or -123 4 + 1 00 to 59 Table 25. Correction pulses for OFFM = 0 PCF85363A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 18 June 2021 30 / 86 |