| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3956 bảng dữ liệu(PDF) 57 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 bảng dữ liệu(HTML) 57 Page - ams AG |
|
57 / 107 page ![]() ams Datasheet Page 57 [v1-11] 2018-Nov-14 Document Feedback AS3956 − Detailed Description Figure 53: Error Handling in Extended Mode Wired Interfaces AS3956 host interface can be configured to be either SPI or I²C at production (Fabrication Data FAB_CFG0). In both cases, the /SS signal is also used to control the IC power state. By pulling the /SS low, the chip interface or the chip itself is enabled / powered (see Power Management). Note that interrupting SPI / I²C operations or issuing incomplete command sequence from the MCU may result in corrupted data content. For more information on EEPROM and buffer data reading and writing see EEPROM Read and Write and Data Buffer sections. Command Condition Error Type Write buffer (T2T Write) Start with FD, FE or FF NAK0, SLEEP Write buffer (T2T Write) Write when io_data_rdy=1 or rf_data_rdy=1 NAK0, SLEEP Clear buffer (T2T Write on block FFh) Write none zero data NAK0, SLEEP Read buffer (T2T read on block FCh) Read on FD, FE, FF NAK0, SLEEP Read buffer (T2T read on block FCh) Buffer access collision NAK5, SLEEP Write buffer (T2T Write) Buffer access collision NAK5, SLEEP Clear buffer (T2T Write on block FFh) Buffer access collision NAK5, SLEEP |