| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS3955 bảng dữ liệu(PDF) 71 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 bảng dữ liệu(HTML) 71 Page - ams AG |
|
71 / 102 page ![]() ams Datasheet Page 71 [v1-04] 2016-Feb-03 Document Feedback AS3955 − Detailed Description Loading Transmission Data into Buffer Loading the transmitting data into the buffer is similar to writing data into an addressable register. Difference is that, in case of loading more bytes, all bytes go to the buffer. The command mode code 10b indicates buffer operations. The following figure shows how to load the transmitting data into the buffer. Figure 79: Loading Data into Buffer over I²C Reading Received Data from Buffer Reading received data from the buffer is similar to reading data from an addressable register. Difference is that, in case of reading more bytes, they all come from the buffer. The command mode code 10b indicates buffer operations. In case of reading the received data from the buffer, all bits <C5 – C0> are set to 1. Figure 80: Reading Data from Buffer over I²C A 6 A 5 A 4 A 3 A 2 A 1 A 0 0 0 00 000 A C K 1 P S Data Slave address D 7 D 6 D 5 D 4 D 3 D 2 0 A C K D 1 D 0 D 3 D 2 D 1 D 0 A C K D 5 D 4 D 7 D 6 Data Mode Byte SCL SDA A C K A 6 A 5 A 4 A 3 A 2 A 1 A 0 00 1 1 1 1 1 A C K 1 S Slave address 1 A C K Mode Byte SCL SDA P Slave address A 2 A 1 A 0 1 A C K A 4 A 3 A 6 A 5 S Data D 3 D 2 D 1 D 0 N A K D 5 D 4 D 7 D 6 |