| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5601 bảng dữ liệu(PDF) 28 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601 bảng dữ liệu(HTML) 28 Page - ams AG |
|
28 / 44 page ![]() Page 28 ams Datasheet Document Feedback [v1-07] 2016-Sep-09 AS5601 − Register Description Figure 27: Pushbutton Detection Function The AS5601 continuously measures the magnetic field intensity. The programmable threshold (PUSHTHR) is applied to a long time average of the magnetic field. A crossing of the current magnetic field and the threshold within a specified time (tpu_slope) drives the PUSH output high. Slow changes of the magnetic field, due for example to temperature variations, magnet drift mechanical tolerances, etc. do not generate any pushbutton detection events. The push detection threshold follows the drifts over the time as shown in Figure 28. PUSHTHR tpu_slope tpu_dur tpu_slope tpu_relax time Measured magnetic field Present measured magnetic field (button released) Present measured magnetic field (button pressed) PUSH time Push detection treshold (long time averaged) |