| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5601 bảng dữ liệu(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601 bảng dữ liệu(HTML) 2 Page - ams AG |
|
2 / 44 page ![]() Page 2 ams Datasheet Document Feedback [v1-07] 2016-Sep-09 AS5601 − General Description Applications The AS5601 is ideally suited for: • Encoder replacement • Contactless rotary knobs with push buttons • Other angular position measurement solutions Block Diagram The functional blocks of this device are shown below: Figure 2: AS5601 Block Diagram AFE Automatic Gain Control (AGC) 12-bit A/D Register Setting One-Time Programmable (OTP) Memory I²C Low-Dropout (LDO) Regulator (internal load only) AS5601 A VDD5V VDD3V3 GND SDA SCL A/B Quadrature Output Encoder B ATAN (CORDIC) Dynamic Magnitude Monitoring PUSH Magnetic Core Hall Sensors Analog Front-End |